Part Number Hot Search : 
AOL1446L C3851 V8402 L702N STN4416 LP28010 STM8S20 TMP95C
Product Description
Full Text Search
 

To Download VX-401-DUAL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vectron international ? 267 lowell road, hudson, nh 03051 ? tel: 1-88-vectron-1 ? http://www.vectron.com page 1 of 5 VX-401-DUAL voltage controlled crystal oscillator ? at-cut crystal ? surface mount fr4 based package ? refow process compatible ? low phase noise ? tight stabilities ? frequency range 100 - 800mhz ? standard frequencies 100; 112; 122.88; 125; 134.4; 153.6; 155.52; ? 160; 179.2; 184.32; 245.76; 307.2; 312.5; ? 320; 368.64; 400; 448; 471.8592; 491.52; ? 622.08; 672; 737.28; 800mh z ? previous model number: c5430 ? base stations ? test equipment ? synthesizers ? switching ? military features applications performance specifcations frequency stabilities 1 parameter min typical max units condition vs. operating temperature range (referenced to +25c) -30 +30 ppm -40 to +85c initial tolerance vs. supply voltage change vs. load change vs. aging / 1 year vs. aging (following years) -15 -3 -2 -3 -1 +15 +3 +2 +3 +1 ppm ppm ppm ppm ppm @vc=vs/2 v s 5% load 10% vx-401
vectron international ? 267 lowell road, hudson, nh 03051 ? tel: 1-88-vectron-1 ? http://www.vectron.com page 2 of 5 performance specifcations supply voltage (vs) parameter min typical max units condition supply voltage (standard) 3.135 3.3 3.465 vdc options current consumption 90 ma @ pecl, lvds supply voltage 4.75 5 5.25 vdc current consumption 80 ma @ pecl, lvds rf output signal pecl options load 50 ? rise and fall time 1 ns 20 to 80% duty cycle 45 55 % signal lvds load 100 ? rise and fall time 1 ns 10 to 90% duty cycle 40 60 % frequency tuning (efc) tuning range 75.0 90 200.0 linearity 10 % tuning slope positive control voltage range 0 0.5 1.65 2.5 3.3 4.5 vdc vdc with vs = 3.3v with vs = 5v frequency control input impedance 10 k? additional parameters phase noise jitter -77 -111 -139 -145 -146 0.24 dbc/hz dbc/hz dbc/hz dbc/hz dbc/hz ps rms 10 hz 100 hz 1 khz 10 khz 100 khz @ 12khz .. 20mhz @ 160 mhz lvpecl 3.3v phase noise jitter -62 -93 -119 -140 -148 0.07 dbc/hz dbc/hz dbc/hz dbc/hz dbc/hz ps rms 10 hz 100 hz 1 khz 10 khz 100 khz @ 12khz .. 20mhz @ 448 mhz lvpecl 3.3v
vectron international ? 267 lowell road, hudson, nh 03051 ? tel: 1-88-vectron-1 ? http://www.vectron.com page 3 of 5 additional parameters subharmonics -40 dbc weight 2.0 g processing & packing handling & processing note absolute maximum ratings supply voltage (vs) 6.0 v operable temperature range -40 +85 c storage temperature range -55 +125 c performance specifcations cross reference list cross reference list typical phase noise and jitter phase noise vx-401 @ 166.628571 mhz lvpecl phase noise vx-401 @ 160 mhz lvpecl phase noise vx-401 @ 448 mhz lvpecl
vectron international ? 267 lowell road, hudson, nh 03051 ? tel: 1-88-vectron-1 ? http://www.vectron.com page 4 of 5 enclosure package codes type height h pin length l g212 5.9 na marking vx-401-xxxx frequency 1 / frequency 2 ? ayy ww enable true table lvpecl / lvds pin 6 pin 8 pin 9 high no data no data open data compl. data low data compl. data pin connections 1 control voltage (vc) 2 frequency select low: frequency 1 / high: frequency 2 6 enable 7 gnd 8 rf output 9 rf output complementary 14 supply voltage input (vs)
vectron international ? 267 lowell road, hudson, nh 03051 ? tel: 1-88-vectron-1 ? http://www.vectron.com page 5 of 5 standard shipping method recommended refow profle profle feature pb-free assembly/ sn-pb assembly profle feature pb-free assembly/ sn-pb assembly average ramp-up rate (t l to t p ) 3c/second max. time 25c to peak temperature 8 minutes max. preheat -temperature min t smin -temperature min t smax -time (min to max) t s 150c 200c 60-180 seconds time maintained above -temperature (t l ) -time (t l ) 217c 60-150 seconds tsmax to tl -ramp-up rate 3c/second max time maintained above -temperature (t l ) -time (t l ) 217c 60-150 seconds time within 5c of actual peak temperature (t p ) 20-40 seconds peak temperature (t p ) max 260c ramp-down rate 6c/ second max note : all temperatures refer to topside of the package, measured on the package body surface. enclosure type tape width w (mm) quantity per meter quantity per reel dimension p g218b/g223b 24 500 12 *bei w 24 mm nur untere lochreihe ? by w 24 mm only lower hole line gurtoberseite tape upper side gurtunterseite tape buttom side abwickelrichtung unwinding direction lage im gurt position in tape pin 1 a x p b k
vectron international ? 267 lowell road, hudson, nh 03051 ? tel: 1-88-vectron-1 ? http://www.vectron.com page 6 of 5 ordering information vx-401 0 - e a e - 305 0 - 122m880 - 153m600 model code height 0: 5.9 mm (g223b) supply voltage d: 5v e: 3.3v stability code e-305: 30ppm frequency 1 enable 0: no enable 1: enable rf output code c: pecl d: lvds temperature range e: -40c to +85c notes: 1. contact factory for improved stabilities or additional product options. not all options and codes are available at all frequencies. 2. unless other stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency control voltage, load, temperature (25c). 3. phase noise degrades with increasing output frequency. 4. subject to technical modifcation. 5. contact factory for availability. disclaimer vectron international reserves the right to make changes to the product(s) and or information contained herein without notice. no liability is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or information. rev: 10/2011 for additional information, please contact usa: ero eraioa 267 lowell road hudson, nh 03051 tel: 1.888.328.7661 fax: 1.888.329.8328 europe: ero eraioa landstrasse, d-74924 neckarbischofsheim, germany tel: +49 (0) 7268-801-0 fax: +49 (0) 7268-801-281 asia: ero eraioa 1f-2f, no 8 workshop, no 308 fenju road waigaoqiao free trade zone pudong, shanghai, china 200131 tel: 86.21.5048.0777 fax: 86.21.5048.1881 frequency 2


▲Up To Search▲   

 
Price & Availability of VX-401-DUAL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X